Part Number Hot Search : 
N54LS GBU13508 MMBD444 SM250 600ETTT 331M16 SC458 10600
Product Description
Full Text Search
 

To Download ASD07H-48S5 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  i s o l a t e d a n d r e g u l a t e d 7 wat t o p e n f r a m e d c / d c c o n v e r t e r a s d 0 7 h s e r i e s 300 myles standish blvd., taunton, ma 02780 ph: 1-800-823-8082 fax: 508-823-8181 www.astrodyne.com unit measures 1w x 2l x 0.375h wide 4 : 1 input range high efficiency regulated outputs 1500v isolation integral finned heatsink en60950 & ul60950-1 approved model number output voltage output amps input range single output asd07h-12s3 3.3 vdc 1.9 9-36vdc asd07h-48s3 1.9 18-75vdc asd07h-12s5 5 vdc 1.5 9-36vdc ASD07H-48S5 1.5 18-75vdc asd07h-12s9 9 vdc 0.83 9-36vdc asd07h-48s9 0.83 18-75vdc asd07h-12s12 12 vdc 0.62 9-36vdc asd07h-48s12 0.62 18-75vdc asd07h-12s15 15 vdc 0.5 9-36vdc asd07h-48s15 0.5 18-75vdc dual output asd07h-12d5 +/-5 vdc +/-0.75 9-36vdc asd07h-48d5 +/-0.75 18-75vdc asd07h-12d12 +/-12 vdc +/-0.31 9-36vdc asd07h-48d12 +/-0.31 18-75vdc asd07h-12d15 +/-15 vdc +/-0.25 9-36vdc asd07h-48d15 +/-0.25 18-75vdc order on-line! astrodyne.com
i s o l a t e d a n d r e g u l a t e d 7 wat t o p e n f r a m e d c / d c c o n v e r t e r a s d 0 7 h s e r i e s 300 myles standish blvd., taunton, ma 02780 ph: 1-800-823-8082 fax: 508-823-8181 www.astrodyne.com input specifications input voltage, nominal 12vdc 48vdc input voltage ranges 9-36 18-75 vdc input surge voltage 50v (12v models), * 100v (48v models), * 10 ms duration, min. output specifications voltage and current see selection chart preset accuracy singles: +/- 1% max. duals: +/- 2% max. cross regulation (duals) 5-8% typ. load regulation singles: +/- 0.5% 20% - fl duals: +/-1%, +/-3% (5v mod) line regulation singles: +/- 0.5% duals: +/- 1% temperature coefficient +/-0.03%/c ripple/noise (pk-pk, typ) single 3.3v 100mv single 5, 9,12, 15v 50mv dual 5v 150mv (12vin) 100mv (48vin) dual 12, 15v 50mv overvoltage protection clamp, 130-150% * short circuit protection continuous, self-recovering general specifications on/off control (ref to - input pin) logic 1/open=on logic 0/gnd=off shutdown idle current 15ma input-out isolation 1500vdc (48v) 500 vdc (12v) in/out capacitance 1000 pf efficiency 82%, typ switching frequency 450khz environmental specifications oper. temperature -25 to +71c(fl) relative humidity 0 to 95%, non-cond storage temperature -40 to +125c * maximum heatsink temp 110c * input fusing 12v: 4a, 48v: 2a mtbf 1,000,000 hrs mil std 217, 25c shock/vibration to mil-std 810c safety en60950 tuv file # b 02 10 22749 038 ul60950-1 ul file # e167432 physical specifications heatsink material aluminum construction open frame weight 0.57 oz, (16g) * these are stress ratings. exposure of the devices to any of these conditions may adversely affect long term reliability. proper operation under conditions other than the standard operating conditions is neither warranteed nor implied. all specifications are typical at nominal input, full load, and 25c unless other - wise noted astrodyne products are not authorized or warranteed for use as critical components in life support systems, equipment used in hazardous environments, nuclear controls systems, or other mission-critical applications.
i s o l a t e d a n d r e g u l a t e d 7 wat t o p e n f r a m e d c / d c c o n v e r t e r a s d 0 7 h s e r i e s 300 myles standish blvd., taunton, ma 02780 ph: 1-800-823-8082 fax: 508-823-8181 www.astrodyne.com output derating curve mechanical dimensions pin # single outputs dual outputs 1 + input + input 2 - input - input 3 + output + output 4 n/a common 5 - output - output 6 control control .600 (15.24) 1.400 (35.56) 2.00 (50.80) .400 (10.16) .100 (2.54 ) .600 (15.24) 1.00 (25.40) .100( 2.54) .500 (12.70) .900 (22.86) .375 (9.52) .070 (1.78) .040 (1.02 ) .150 (3.81) 1 2 6 3 4 5 120 100 80 60 40 20 0 0 10 20 30 40 50 60 70 80 90 ambient t emp c output power (%)


▲Up To Search▲   

 
Price & Availability of ASD07H-48S5

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X